PART |
Description |
Maker |
CSICD10-650 |
Positive temperature coefficient
|
Central Semiconductor C...
|
GM100HB12BTA |
Positive temperature coefficient
|
KEC(Korea Electronics)
|
NCT04 NCT04EJ103H400TRF |
NEGATIVE TEMPERATURE COEFFICIENT
|
NIC-Components Corp.
|
SIGC07T60UN |
High Speed IGBT Chip in NPT-technology positive temperature coefficient
|
Infineon Technologies AG
|
SIGC15T60S |
IGBT3 Chip 600V Trench & Field Stop technology positive temperature coefficient
|
Infineon Technologies A...
|
SIGC39T60S |
IGBT3 Chip 600V Trench & Field Stop technology positive temperature coefficient
|
Infineon Technologies AG
|
BSS138 |
Power Resistor; Series:HLW; Resistance:1ohm; Resistance Tolerance: /- 5%; Power Rating:20W; Operating Temperature Range:-55 C to 350 C; Resistor Element Material:Wirewound; Temperature Coefficient: /-50 ppm RoHS Compliant: No
|
FAIRCHILD SEMICONDUCTOR CORP
|
CHR CHR2520FC-10MEG-1 |
10 Meg to 100 Meg, 1 Tolerance, Temperature Coefficient to as low as 25 ppm/C
|
Rhopoint Components Ltd.
|
BR-BX11V1-12V BR-B2134-12V BR-B21V1-12V BR-B31V1-1 |
Metal Oxide Resistor; Series:MP800; Resistance:15ohm; Resistance Tolerance: /- 1 %; Power Rating:20W; Temperature Coefficient:-20 to 50 ppm/ C; Terminal Type:Radial Leaded; Package/Case:2-TO-220; Voltage Rating:300V 电阻LED节能灯(圆形类型 RESISTOR LED LAMPS (ROUND TYPES) 电阻LED节能灯(圆形类型 MOSFET N-CH 600V 26A PLUS220-SMD Metal Oxide Resistor; Series:MP800; Resistance:16ohm; Resistance Tolerance: /- 1 %; Power Rating:20W; Temperature Coefficient:-20 to 50 ppm/ C; Terminal Type:Radial Leaded; Package/Case:2-TO-220; Voltage Rating:300V
|
?╁??′唤?????? Yellow Stone, Corp. 早安股份有限公司 YSTONE[Yellow Stone Corp]
|
CEN-60-20 CEN-60-42 CEN-60-12 CEN-60-15 CEN-60-30 |
CEN-60_12
|
http:// Mean Well Enterprises Co., Ltd.
|